Part Number Hot Search : 
SP7686 60112 NL2016 EC3B26 9NC60 B13007D 2SK2983 2SK800
Product Description
Full Text Search
 

To Download SF82 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUPER FAST RECTIFIER
SF81 THRU SF86
FEATURES
* * * * * * * * *
VOLTAGE RANGE CURRENT
50 to 400 Volts 8.0 Ampere
Glass passivated chip junction Low power loss, high efficiency Low leakage Super fast switching speed High current capacity, high surge capacity High temperature soldering guaranteed 200/10 second, 0.16(4.06mm) lead length from case Also available in reverse polarity, add the "R" Suffix, i.e. SF81R Also available in isolated package under part number SFF81
TO-220AC
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-0 rate flame retardant Polarity: Color Band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.08ounce, 2.24 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SYMBOLS SF81 SF82 Maximum Repetitive Peak Reverse Voltage VRRM 50 100 Maximum RMS Voltage VRMS 35 70 Maximum DC Blocking Voltage VDC 50 100
Maximum Average Forward Rectified Current At Tc=105 Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 8.0A Maximum DC Reverse Current at rated TA = 25 DC Blocking Voltage TA = 125 Maximum Reverse Recovery Time Test conditions IF =0.5A, IR =1.0A, IRR =0.25A Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range * * *
SF83 150 105 150 8.0 125 0.975 10 500 35
SF84 200 140 200
SF85 300 210 300
SF86 400 280 400
UNIT Volts Volts Volts Amps Amps
I(AV) IFSM VF IR trr CJ RJC TJ TSTG
1.4
Volts A
50 40 2.5 (-55 to +150) (-55 to +150)
nS pF
/W
Notes: 1. Unit mounted on heatsink 2. measured at 1.0MHz and applied reverse voltage of 4.0V
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SUPER FAST RECTIFIER
SF81 THRU SF86
VOLTAGE RANGE CURRENT
50 to 400 Volts 8.0 Ampere
RATING AND CHRACTERISTIC CURVES SF81 THRU SF86
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,
12
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE
150
CURRENT, (A)
8.3ms Single Half Sine-Wave (JEDEC Method) T= Tjmax 100
8.0
(A)
4.0
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length
50
1 Cycle 0 0 25 50 75 100 125 150 175 0 1 2 4 6 8 10 20 40 60 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz FIG.4-TYPICAL REVERSE CHARACTERISTICS PER LEG
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
TJ =125 C
100
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT,
10
0V
50
/20
10
30
0/
40
0V
(A)
(A)
0/ 1
1.0
50
/ 10
1.0
TJ=25 C
TJ =25 C Pulse Width=300us 1% Duty Cycle
0.1 0.4 0.8 1.2 1.6
0.1
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK FIG.5-TYPICAL JUNCTION CAPACITANCE
100
REVERSE VOLTAGE,(%)
JUNCTION CAPACITANCE,(pF)
F1G.6-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
Trr
50 10 NONINDUCTIVE NONINDUCTIVE (-) 10 (+) 25 Vdc (approx.) (-) TJ =25 C f=1MHz Vsig=50mVp-p D.U.T. PULSE GENERATIOR (NOTE 2) (+) OSCILLOSCOPE (NOTE 1)
+0.5A
0 -0.25A
1 NON INDUCTIVE
-1.0A
1cm
1 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
NOTES : 1.Rise Time=7ns mas. Input Impedance= 1 magohm. 22pF 2.Rise time=10ns max. Source Impedance= 50 ohms
SET TIME BASE FOR 50/100ns/cm
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of SF82

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X